Part Number Hot Search : 
A223M EX24016 2C500A MH89770 B5117 16802 12121 MAX168
Product Description
Full Text Search
 

To Download 101C473U7R5AA2B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  click here to see hardware and mounting options type 101c C55 c to 105 c low-esr, wide-temperature grade the ultimate in cold performance and esr the type 101c is the wide-temperature, low voltage version of the type 550c. it is ideal for high-ripple current military and industrial applications that need full performance to C40 oc and solid performance to C55 oc. it also excels as a power-supply output capacitor because of its exceptionally low esr. the extended cathode foil of the 101c assures heat fow from the capacitor element to the can in all mounting orientations. highlights - 5,000 hour load life - ripple current to > 100 amps @ 55 c - esrs to 2.5 m? - > 90% capacitance at C40 oc specif cations - thermal-pak? extended cathode construction temperature range C55 c to +105 c rated voltage range 7.5 to 250 vdc capacitance range 290 f to 1.5 f capacitance tolerance 7.5 to 150 vdc: C10% +75%, 200 & 250 vdc: C10% +50% leakage current 1.5 cv a, 4 ma max, 5 minutes ripple current multipliers ambient temperature low temperature characteristics impedance ratio: z C55?c M z +25?c 3 endurance life test 5,000 h at 105 c and full load ? capacitance 20% esr 200% of limit dcl 100% of limit shelf life test 500 h at 105 c capacitance 100% of limit esr 100% of limit dcl 100% of limit vibration 10 to 55 hz, 0.06 and 10 g max, 1.5 h each of two axis rohs compliant frequency 45 oc 55 oc 65 oc 75 oc 85 oc 95 oc 105 oc 1.66 1.52 1.37 1.20 1.00 0.75 0.36 10 khz & up 50 hz 60 hz 120 hz 360 hz 1 khz 5 khz 1 3/8 & 1 3/4 diameters 7.5 to 150 v 0.91 0.93 1.00 1.06 1.08 1.09 1.09 200 & 250 v 0.82 0.86 1.00 1.14 1.20 1.23 1.23 2 & 2 1/2 diameters 7.5 to 150 v 0.92 0.94 1.00 1.05 1.07 1.08 1.08 200 & 250 v 0.82 0.86 1.00 1.14 1.20 1.23 1.27 3 diameters 7.5 to 150 v 0.95 0.96 1.00 1.03 1.04 1.05 1.05 200 & 250 v 0.85 0.88 1.00 1.11 1.15 1.18 1.18 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type 101c C55 c to 105 c low-esr, wide-temperature grade part numbering system 101c 183 t 250 dg 2 d s type capacitance tolerance voltage case code insulation terminal can style 100 = 10 f 101 = 100 f 183 = 18,000 f m = 20% u = C10%+75% t = C10%+50% 250 = 250 vdc 0= none 1 = polyester 2= pvc a = low post b = high post d = high current blank= standard can s = stud outline drawing standard insulation is 0.008-in pvc sleeve with 0.01-in polypropylene end disk. bottom p = stud with thermal pad d h +0 - .062 l p s + (+0 - 1.57) optional stud terminal dimensions stud dimensions case diam. stud thread p 0.039 (1.0 mm) 1.375 m8 0.470 (12.0) 1.750 m8 0.470 (12.0) 2.000 m12 0.630 (16.0) 2.500 m12 0.630 (16.0) 3.000 m12 0.630 (16.0) note: with the stud-mount feature, a thermally-conductive disk can be inserted in the bottom fush with the outer insulating sleeve. this reduces the thermal resistance through the can bottom by 0.3 c/w. can style p. for case post diameter h max min full thread torque terminal style diameters code in mm in mm thread in mm in?lb n?m low post 1 ? to 3 a 0.314 8.0 0.094 2.4 10C32 0.218 5.5 25 2.82 high post 1 ? to 3 b 0.314 8.0 0.281 7.1 10C32 0.375 9.5 25 2.82 high current, med 2? to 3 d 0.434 11.0 0.190 4.8 ?C28 0.312 7.9 50 5.65 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type 101c C55 c to 105 c low-esr, wide-temperature grade uninsulated case dimensions for insulated case, add 0.024(0.610 mm) to dand 0.030(0.762 mm) to length. case diam. (d) length (l) terminals (s) typical weight .031 .78 .062 1.57 0.015 .38 code inches mm inches mm inches mm oz g ak 1.375 34.93 1.625 41.28 0.50 12.70 1.9 54 aa 1.375 34.93 2.125 53.98 0.50 12.70 2.0 57 ah 1.375 34.93 2.625 66.68 0.50 12.70 2.7 77 ab 1.375 34.93 3.125 79.38 0.50 12.70 3.3 94 aj 1.375 34.93 3.625 92.08 0.50 12.70 3.8 108 ac 1.375 34.93 4.125 104.78 0.50 12.70 4.4 125 ad 1.375 34.93 4.625 117.48 0.50 12.70 5.1 145 ae 1.375 34.93 5.125 130.18 0.50 12.70 6.8 193 af 1.375 34.93 5.625 142.88 0.50 12.70 8.1 230 ea 1.750 44.45 2.125 53.98 0.75 19.05 2.7 76 eh 1.750 44.45 2.625 66.68 0.75 19.05 3.8 108 eb 1.750 44.45 3.125 79.38 0.75 19.05 5.1 145 ej 1.750 44.45 3.625 92.08 0.75 19.05 6.8 193 ec 1.750 44.45 4.125 104.78 0.75 19.05 8.1 230 ed 1.750 44.45 4.625 117.48 0.75 19.05 9.0 255 ee 1.750 44.45 5.125 130.18 0.75 19.05 9.5 269 ef 1.750 44.45 5.625 142.88 0.75 19.05 10.5 298 ba 2.000 50.80 2.125 53.98 0.875 22.23 5.4 153 bh 2.000 50.80 2.625 66.68 0.875 22.23 6.1 173 bb 2.000 50.80 3.125 79.38 0.875 22.23 6.8 193 bj 2.000 50.80 3.625 92.08 0.875 22.23 8.2 232 bc 2.000 50.80 4.125 104.78 0.875 22.23 9.5 269 bd 2.000 50.80 4.625 117.48 0.875 22.23 10.3 292 be 2.000 50.80 5.125 130.18 0.875 22.23 10.7 303 bf 2.000 50.80 5.625 142.88 0.875 22.23 13.0 369 ch 2.500 63.50 2.625 66.68 1.125 28.58 9.2 261 cb 2.500 63.50 3.125 79.38 1.125 28.58 10.4 295 cj 2.500 63.50 3.625 92.08 1.125 28.58 12.7 361 cc 2.500 63.50 4.125 104.78 1.125 28.58 15.0 425 cd 2.500 63.50 4.625 117.48 1.125 28.58 17.2 488 ce 2.500 63.50 5.125 130.18 1.125 28.58 19.3 547 cf 2.500 63.50 5.625 142.88 1.125 28.58 21.4 607 db 3.000 76.20 3.125 79.38 1.25 31.75 16.7 473 dj 3.000 76.20 3.625 92.08 1.25 31.75 20.0 567 dc 3.000 76.20 4.125 104.78 1.25 31.75 22.2 629 dd 3.000 76.20 4.625 117.48 1.25 31.75 25.5 723 de 3.000 76.20 5.125 130.18 1.25 31.75 30.0 850 df 3.000 76.20 5.625 142.88 1.25 31.75 31.9 904 dp 3.000 76.20 5.875 149.23 1.25 31.75 32.8 931 dn 3.000 76.20 7.625 193.68 1.25 31.75 39.5 1119 dg 3.000 76.20 8.625 219.08 1.25 31.75 43.3 1227 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type 101c C55 c to 105 c low-esr, wide-temperature grade ratings cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 7.5 vdc (10 vdc surge) 28,000 47,000 66,000 101c283u7r5ak2b 38.2 6.1 101C473U7R5AA2B 25.0 8.7 101c663u7r5ah2b 19.0 11.4 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 79,000 84,000 84,000 101c793u7r5ba2b 18.3 14.0 101c843u7r5ea2b 22.6 11.6 101c843u7r5ab2b 15.4 13.8 2 x 2 1/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 100,000 120,000 120,000 101c104u7r5aj2b 13.2 15.9 101c124u7r5eh2b 16.5 14.7 101c124u7r5bh2b 12.4 18.3 1 3/8 x 3 5/8 1 3/4 x 2 5/8 2 x 2 5/8 120,000 140,000 160,000 101c124u7r5ac2b 12.1 17.4 101c144u7r5ad2b 10.8 19.2 101c164u7r5eb2b 13.2 17.5 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 160,000 170,000 180,000 101c164u7r5ae2b 9.9 20.9 101c174u7r5bb2b 8.5 23.6 101c184u7r5af2b 9.1 22.6 1 3/8 x 5 1/8 2 x 3 1/8 1 3/8 x 5 5/8 200,000 210,000 220,000 101c204u7r5ej2b 11.1 20.1 101c214u7r5ch2b 9.4 24.2 101c224u7r5ec2b 8.2 24.4 1 3/4 x 3 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 220,000 260,000 270,000 101c224u7r5bj2b 7.6 26.2 101c264u7r5bc2b 6.0 31.0 101c274u7r5ed2b 8.7 24.7 2 x 3 5/8 2 x 4 1/8 1 3/4 x 4 5/8 280,000 300,000 310,000 101c284u7r5cb2b 7.2 29.4 101c304u7r5bd2b 5.7 32.9 101c314u7r5ee2b 7.9 26.8 2 1/2 x 3 1/8 2 x 4 5/8 1 3/4 x 5 1/8 350,000 350,000 360,000 101c354u7r5ef2b 7.4 28.8 101c354u7r5be2b 5.2 35.9 101c364u7r5cj2d 5.9 34.2 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 390,000 390,000 430,000 101c394u7r5db2d 7.1 33.1 101c394u7r5bf2b 4.9 38.2 101c434u7r5cc2d 4.2 42.4 3 x 3 1/8 2 x 5 5/8 2 1/2 x 4 1/8 490,000 490,000 570,000 101c494u7r5dj2d 5.8 38.5 101c494u7r5cd2d 4.4 42.8 101c574u7r5ce2d 4.0 46.7 3 x 3 5/8 2 1/2 x 4 5/8 2 1/2 x 5 1/8 610,000 640,000 700,000 101c614u7r5dc2d 4.6 45.2 101c644u7r5cf2d 3.4 52.1 101c704u7r5dd2d 4.0 50.0 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 810,000 910,000 960,000 101c814u7r5de2d 3.7 53.6 101c914u7r5df2d 3.4 57.8 101c964u7r5dp2d 3.4 58.8 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 1,300,000 1,500,000 101c135u7r5dn2d 2.8 70.2 101c155u7r5dg2d 2.5 76.4 3 x 7 5/8 3 x 8 5/8 cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 10 vdc (15 vdc surge) 25,000 41,000 58,000 101c253u010ak2b 36.0 6.2 101c413u010aa2b 23.9 8.9 101c583u010ah2b 18.1 11.7 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 68,000 69,000 74,000 101c683u010ba2b 17.8 14.2 101c693u010ea2b 22.8 11.6 101c743u010ab2b 14.6 14.2 2 x 2 1/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 89,000 99,000 110,000 101c893u010aj2b 12.5 16.4 101c993u010eh2b 16.6 14.6 101c114u010bh2b 12.1 18.6 1 3/8 x 3 5/8 1 3/4 x 2 5/8 2 x 2 5/8 110,000 120,000 130,000 101c114u010ac2b 11.3 18.1 101c124u010ad2b 10.3 19.7 101c134u010eb2b 13.2 17.4 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 140,000 150,000 160,000 101c144u010ae2b 9.4 21.4 101c154u010bb2b 8.1 24.2 101c164u010ej2b 11.1 20.0 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 160,000 180,000 180,000 101c164u010af2b 8.7 23.1 101c184u010ch2b 9.2 24.5 101c184u010bj2b 7.4 26.5 1 3/8 x 5 5/8 2 1/2 x 2 5/8 2 x 3 5/8 190,000 220,000 230,000 101c194u010ec2b 8.2 24.4 101c224u010ed2b 8.7 24.7 101c234u010bc2b 5.7 31.7 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 x 4 1/8 240,000 250,000 260,000 101c244u010cb2b 7.0 29.7 101c254u010ee2b 8.0 26.7 101c264u010bd2b 5.5 33.5 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 5/8 280,000 300,000 300,000 101c284u010ef2b 7.4 28.7 101c304u010cj2d 5.7 34.6 101c304u010be2b 5.0 36.5 1 3/4 x 5 5/8 2 1/2 x 3 5/8 2 x 5 1/8 340,000 360,000 370,000 101c344u010bf2b 4.7 38.9 101c364u010db2d 7.0 33.4 101c374u010cc2d 4.0 43.0 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 430,000 450,000 500,000 101c434u010cd2d 4.3 43.5 101c454u010dj2d 5.7 38.8 101c504u010ce2d 3.8 47.5 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 550,000 560,000 640,000 101c554u010dc2d 4.5 45.5 101c564u010cf2d 3.3 53.0 101c644u010dd2d 4.0 50.4 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 740,000 840,000 880,000 101c744u010de2d 3.7 54.0 101c844u010df2d 3.3 58.2 101c884u010dp2d 3.3 59.2 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 1,200,000 1,400,000 101c125u010dn2d 2.8 70.7 101c145u010dg2d 2.5 76.9 3 x 7 5/8 3 x 8 5/8 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type 101c C55 c to 105 c low-esr, wide-temperature grade cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 16 vdc (25 vdc surge) 16,000 27,000 38,000 101c163u016ak2b 39.2 6.0 101c273u016aa2b 26.0 8.5 101c383u016ah2b 20.0 11.1 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 45,000 46,000 49,000 101c453u016ba2b 19.1 13.7 101c463u016ea2b 24.3 11.2 101c493u016ab2b 15.9 13.6 2 x 2 1/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 59,000 66,000 71,000 101c593u016aj2b 13.5 15.7 101c663u016eh2b 17.7 14.2 101c713u016bh2b 13.0 18.0 1 3/8 x 3 5/8 1 3/4 x 2 5/8 2 x 2 5/8 73,000 82,000 86,000 101c733u016ac2b 12.2 17.4 101c823u016ad2b 11.1 19.0 101c863u016eb2b 14.1 16.9 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 93,000 100,000 110,000 101c933u016ae2b 10.1 20.6 101c104u016bb2b 8.6 23.4 101c114u016ej2b 11.8 19.4 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 110,000 120,000 120,000 101c114u016af2b 9.3 22.3 101c124u016ch2b 9.8 23.7 101c124u016bj2b 8.0 25.7 1 3/8 x 5 5/8 2 1/2 x 2 5/8 2 x 3 5/8 130,000 150,000 160,000 101c134u016ec2b 8.6 23.8 101c154u016ed2b 9.2 24.0 101c164u016cb2b 7.5 28.9 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 1/2 x 3 1/8 160,000 170,000 170,000 101c164u016bc2b 6.0 30.9 101c174u016ee2b 8.4 26.0 101c174u016bd2b 5.9 32.5 2 x 4 1/8 1 3/4 x 5 1/8 2 x 4 5/8 190,000 200,000 200,000 101c194u016ef2b 7.8 28.0 101c204u016cj2d 6.1 33.6 101c204u016be2b 5.3 35.4 1 3/4 x 5 5/8 2 1/2 x 3 5/8 2 x 5 1/8 230,000 240,000 250,000 101c234u016bf2b 4.9 38.0 101c244u016db2d 7.3 32.7 101c254u016cc2d 4.3 41.9 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 290,000 300,000 330,000 101c294u016cd2d 4.5 42.3 101c304u016dj2d 5.9 38.1 101c334u016ce2d 4.0 46.2 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 360,000 370,000 430,000 101c364u016dc2d 4.7 44.6 101c374u016cf2d 3.4 51.6 101c434u016dd2d 4.1 49.5 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 490,000 560,000 590,000 101c494u016de2d 3.8 53.0 101c564u016df2d 3.5 57.2 101c594u016dp2d 3.4 58.2 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 800,000 920,000 101c804u016dn2d 2.9 69.6 101c924u016dg2d 2.6 75.8 3 x 7 5/8 3 x 8 5/8 cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 20 vdc (30 vdc surge) 13,000 21,000 29,000 101c133u020ak2b 39.2 6.0 101c213u020aa2b 26.0 8.5 101c293u020ah2b 20.0 11.1 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 34,000 35,000 38,000 101c343u020ba2b 19.1 13.7 101c353u020ea2b 24.3 11.2 101c383u020ab2b 15.9 13.6 2 x 2 1/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 45,000 50,000 54,000 101c453u020aj2b 13.5 15.7 101c503u020eh2b 17.7 14.2 101c543u020bh2b 13.0 18.0 1 3/8 x 3 5/8 1 3/4 x 2 5/8 2 x 2 5/8 55,000 62,000 66,000 101c553u020ac2b 12.2 17.4 101c623u020ad2b 11.1 19.0 101c663u020eb2b 14.1 16.9 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 71,000 77,000 80,000 101c713u020ae2b 10.1 20.6 101c773u020bb2b 8.6 23.4 101c803u020af2b 9.3 22.3 1 3/8 x 5 1/8 2 x 3 1/8 1 3/8 x 5 5/8 81,000 89,000 94,000 101c813u020ej2b 11.8 19.4 101c893u020ch2b 9.8 23.7 101c943u020bj2b 8.0 25.7 1 3/4 x 3 5/8 2 1/2 x 2 5/8 2 x 3 5/8 98,000 110,000 120,000 101c983u020ec2b 8.6 23.8 101c114u020ed2b 9.2 24.0 101c124u020cb2b 7.5 28.9 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 1/2 x 3 1/8 120,000 130,000 130,000 101c124u020bc2b 6.0 30.9 101c134u020ee2b 8.4 26.0 101c134u020bd2b 5.9 32.5 2 x 4 1/8 1 3/4 x 5 1/8 2 x 4 5/8 140,000 150,000 150,000 101c144u020ef2b 7.8 28.0 101c154u020cj2d 6.1 33.6 101c154u020be2b 5.3 35.4 1 3/4 x 5 5/8 2 1/2 x 3 5/8 2 x 5 1/8 180,000 180,000 190,000 101c184u020db2d 7.3 32.7 101c184u020bf2b 4.9 38.0 101c194u020cc2d 4.3 41.9 3 x 3 1/8 2 x 5 5/8 2 1/2 x 4 1/8 220,000 230,000 250,000 101c224u020cd2d 4.5 42.3 101c234u020dj2d 5.9 38.1 101c254u020ce2d 4.0 46.2 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 280,000 280,000 330,000 101c284u020dc2d 4.7 44.6 101c284u020cf2d 3.4 51.6 101c334u020dd2d 4.1 49.5 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 380,000 420,000 450,000 101c384u020de2d 3.8 53.0 101c424u020df2d 3.5 57.2 101c454u020dp2d 3.4 58.2 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 610,000 710,000 101c614u020dn2d 2.9 69.4 101c714u020dg2d 2.6 75.5 3 x 7 5/8 3 x 8 5/8 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type 101c C55 c to 105 c low-esr, wide-temperature grade cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 25 vdc (40 vdc surge) 9,900 16,000 23,000 101c992u025ak2b 42.6 5.7 101c163u025aa2b 28.2 8.2 101c233u025ah2b 20.9 10.8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 27,000 27,000 30,000 101c273u025ea2b 25.1 11.0 101c273u025ba2b 19.9 13.5 101c303u025ab2b 16.6 13.3 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 1/8 35,000 39,000 42,000 101c353u025aj2b 14.2 15.4 101c393u025eh2b 18.3 13.9 101c423u025bh2b 13.5 17.6 1 3/8 x 3 5/8 1 3/4 x 2 5/8 2 x 2 5/8 43,000 49,000 52,000 101c433u025ac2b 12.7 17.0 101c493u025ad2b 11.6 18.6 101c523u025eb2b 14.5 16.6 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 56,000 60,000 63,000 101c563u025ae2b 10.6 20.2 101c603u025bb2b 9.0 22.9 101c633u025af2b 9.7 21.9 1 3/8 x 5 1/8 2 x 3 1/8 1 3/8 x 5 5/8 64,000 70,000 73,000 101c643u025ej2b 12.2 19.1 101c703u025ch2b 10.1 23.3 101c733u025bj2b 8.3 25.2 1 3/4 x 3 5/8 2 1/2 x 2 5/8 2 x 3 5/8 77,000 88,000 90,000 101c773u025ec2b 9.9 22.2 101c883u025ed2b 9.5 23.6 101c903u025bc2b 6.4 30.0 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 x 4 1/8 95,000 100,000 100,000 101c953u025cb2b 7.7 28.4 101c104u025ee2b 8.6 25.7 101c104u025bd2b 6.1 31.9 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 5/8 110,000 120,000 120,000 101c114u025ef2b 8.0 27.6 101c124u025cj2d 6.3 33.1 101c124u025be2b 5.5 34.8 1 3/4 x 5 5/8 2 1/2 x 3 5/8 2 x 5 1/8 140,000 140,000 150,000 101c144u025db2d 7.4 32.4 101c144u025bf2b 5.1 37.4 101c154u025cc2d 4.5 40.6 3 x 3 1/8 2 x 5 5/8 2 1/2 x 4 1/8 170,000 180,000 200,000 101c174u025cd2d 4.7 41.6 101c184u025dj2d 6.0 37.7 101c204u025ce2d 4.2 45.5 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 220,000 220,000 260,000 101c224u025dc2d 4.8 44.1 101c224u025cf2d 3.6 50.3 101c264u025dd2d 4.5 47.3 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 290,000 330,000 350,000 101c294u025de2d 4.0 51.6 101c334u025df2d 3.5 56.7 101c354u025dp2d 3.5 57.7 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 480,000 550,000 101c484u025dn2d 2.9 69.0 101c554u025dg2d 2.6 75.2 3 x 7 5/8 3 x 8 5/8 cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 30 vdc (45 vdc surge) 5,400 13,000 19,000 101c542u030ak2b 43.9 5.6 101c133u030aa2b 29.8 8.0 101c193u030ah2b 21.4 10.7 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 23,000 23,000 24,000 101c233u030ea2b 23.1 11.5 101c233u030ba2b 18.8 13.8 101c243u030ab2b 16.0 13.6 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 1/8 30,000 33,000 36,000 101c303u030aj2b 14.1 15.4 101c333u030eh2b 16.9 14.5 101c363u030ac2b 13.0 16.8 1 3/8 x 3 5/8 1 3/4 x 2 5/8 1 3/8 x 4 1/8 36,000 41,000 44,000 101c363u030bh2b 12.8 18.1 101c413u030ad2b 11.6 18.6 101c443u030eb2b 13.4 17.3 2 x 2 5/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 47,000 49,000 53,000 101c473u030ae2b 10.6 20.2 101c493u030bb2b 8.7 23.3 101c533u030af2b 9.8 21.8 1 3/8 x 5 1/8 2 x 3 1/8 1 3/8 x 5 5/8 54,000 59,000 62,000 101c543u030ej2b 11.3 19.9 101c593u030ch2b 9.3 24.4 101c623u030bj2b 7.8 25.8 1 3/4 x 3 5/8 2 1/2 x 2 5/8 2 x 3 5/8 64,000 75,000 75,000 101c643u030ec2b 9.2 23.0 101c753u030ed2b 8.4 25.1 101c753u030bc2b 6.3 30.1 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 x 4 1/8 81,000 85,000 88,000 101c813u030cb2b 7.1 29.7 101c853u030ee2b 7.9 26.9 101c883u030bd2b 5.8 32.7 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 5/8 95,000 100,000 100,000 101c953u030ef2b 7.5 28.5 101c104u030cj2d 5.7 34.6 101c104u030be2b 5.2 35.6 1 3/4 x 5 5/8 2 1/2 x 3 5/8 2 x 5 1/8 110,000 120,000 120,000 101c114u030bf2b 4.8 38.4 101c124u030db2d 7.0 33.3 101c124u030cc2d 4.7 40.0 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 150,000 150,000 170,000 101c154u030dj2d 5.7 38.7 101c154u030cd2d 4.3 43.4 101c174u030ce2d 3.8 47.4 3 x 3 5/8 2 1/2 x 4 5/8 2 1/2 x 5 1/8 180,000 190,000 220,000 101c184u030dc2d 4.8 43.9 101c194u030cf2d 3.5 51.2 101c224u030dd2d 4.3 48.5 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 250,000 280,000 300,000 101c254u030de2d 3.8 52.8 101c284u030df2d 3.5 56.9 101c304u030dp2d 3.4 58.8 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 410,000 470,000 101c414u030dn2d 2.9 69.5 101c474u030dg2d 2.6 75.8 3 x 7 5/8 3 x 8 5/8 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type 101c C55 c to 105 c low-esr, wide-temperature grade cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 40 vdc (55 vdc surge) 5,400 9,000 13,000 101c542u040ak2b 47.6 5.4 101c902u040aa2b 32.3 7.6 101c133u040ah2b 23.1 10.3 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 16,000 16,000 17,000 101c163u040ea2b 26.6 10.7 101c163u040ba2b 21.2 13.0 101c173u040ab2b 17.3 13.1 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 1/8 21,000 23,000 25,000 101c213u040aj2b 15.2 14.8 101c233u040eh2b 19.3 13.5 101c253u040bh2b 14.3 17.1 1 3/8 x 3 5/8 1 3/4 x 2 5/8 2 x 2 5/8 25,000 29,000 30,000 101c253u040ac2b 14.0 16.2 101c293u040ad2b 12.4 17.9 101c303u040eb2b 15.4 16.2 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 33,000 34,000 37,000 101c333u040ae2b 11.3 19.6 101c343u040bb2b 9.8 22.0 101c373u040ej2b 12.9 18.6 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 37,000 41,000 43,000 101c373u040af2b 10.4 21.1 101c413u040ch2b 10.7 22.7 101c433u040bj2b 8.8 24.4 1 3/8 x 5 5/8 2 1/2 x 2 5/8 2 x 3 5/8 45,000 52,000 52,000 101c453u040ec2b 10.5 21.6 101c523u040ed2b 9.5 23.6 101c523u040bc2b 7.1 28.5 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 x 4 1/8 56,000 59,000 61,000 101c563u040cb2b 8.1 27.6 101c593u040ee2b 8.9 25.4 101c613u040bd2b 6.5 31.0 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 5/8 66,000 70,000 71,000 101c663u040ef2b 8.4 26.9 101c703u040be2b 5.8 33.8 101c713u040cj2d 6.6 32.2 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 79,000 83,000 86,000 101c793u040bf2b 5.3 36.5 101c833u040db2d 8.6 30.1 101c863u040cc2d 5.4 37.3 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 100,000 110,000 120,000 101c104u040cd2d 4.9 40.6 101c114u040dj2d 7.0 35.1 101c124u040ce2d 4.4 44.4 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 130,000 130,000 150,000 101c134u040dc2d 5.3 41.9 101c134u040cf2d 4.0 48.0 101c154u040dd2d 5.2 44.0 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 170,000 190,000 210,000 101c174u040de2d 4.6 48.1 101c194u040df2d 4.2 51.9 101c214u040dp2d 4.0 53.8 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 280,000 330,000 101c284u040dn2d 3.4 63.9 101c334u040dg2d 3.0 69.9 3 x 7 5/8 3 x 8 5/8 cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 50 vdc (75 vdc surge) 3,800 7,000 10,000 101c382u050ak2b 48.4 5.4 101c702u050aa2b 30.8 7.8 101c103u050ah2b 22.0 10.5 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 12,000 12,000 13,000 101c123u050ea2b 26.5 10.7 101c123u050ba2b 20.8 13.2 101c133u050ab2b 17.5 13.0 1 3/4 x 2 1/8 2 x 2 1/8 1 3/8 x 3 1/8 16,000 18,000 19,000 101c163u050aj2b 14.6 15.2 101c183u050eh2b 19.3 13.6 101c193u050bh2b 14.1 17.2 1 3/8 x 3 5/8 1 3/4 x 2 5/8 2 x 2 5/8 19,000 22,000 24,000 101c193u050ac2b 13.4 16.6 101c223u050ad2b 11.9 18.3 101c243u050eb2b 15.3 16.2 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 25,000 27,000 29,000 101c253u050ae2b 10.8 20.0 101c273u050bb2b 9.6 22.2 101c293u050ej2b 12.8 18.6 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 29,000 32,000 34,000 101c293u050af2b 10.0 21.5 101c323u050ch2b 9.6 24.0 101c343u050bj2b 8.6 24.6 1 3/8 x 5 5/8 2 1/2 x 2 5/8 2 x 3 5/8 35,000 40,000 41,000 101c353u050ec2b 10.5 21.6 101c403u050ed2b 9.5 23.6 101c413u050bc2b 7.2 28.2 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 x 4 1/8 44,000 46,000 48,000 101c443u050cb2b 8.2 27.6 101c463u050ee2b 8.8 25.4 101c483u050bd2b 6.3 31.2 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 5/8 52,000 55,000 55,000 101c523u050ef2b 8.4 27.0 101c553u050cj2d 6.6 32.2 101c553u050be2b 5.7 34.1 1 3/4 x 5 5/8 2 1/2 x 3 5/8 2 x 5 1/8 62,000 65,000 67,000 101c623u050bf2b 5.2 36.8 101c653u050db2b 8.9 29.5 101c673u050cc2d 5.4 37.3 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 79,000 83,000 90,000 101c793u050cd2d 4.9 40.5 101c833u050dj2d 7.3 34.4 101c903u050ce2d 4.4 44.3 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 100,000 100,000 120,000 101c104u050dc2d 5.5 41.1 101c104u050cf2d 4.0 47.9 101c124u050dd2d 5.4 43.2 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 130,000 150,000 160,000 101c134u050de2d 4.8 47.2 101c154u050df2d 4.4 51.0 101c164u050dp2d 4.2 52.9 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 220,000 260,000 101c224u050dn2d 3.5 63.0 101c264u050dg2d 3.1 69.0 3 x 7 5/8 3 x 8 5/8 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type 101c C55 c to 105 c low-esr, wide-temperature grade cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 63 vdc (85 vdc surge) 2,800 5,000 7,200 101c282u063ak2b 57.9 4.9 101c502u063aa2b 35.5 7.3 101c722u063ah2b 25.8 9.8 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 8,800 8,900 9,400 101c882u063ba2b 22.8 12.6 101c892u063ea2b 28.0 10.4 101c942u063ab2b 20.4 12.0 2 x 2 1/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 12,000 13,000 14,000 101c123u063aj2b 17.1 14.0 101c133u063eh2b 20.4 13.2 101c143u063bh2b 15.4 16.5 1 3/8 x 3 5/8 1 3/4 x 2 5/8 2 x 2 5/8 14,000 16,000 17,000 101c143u063ac2b 14.8 15.8 101c163u063ad2b 13.2 17.4 101c173u063eb2b 16.1 15.8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 18,000 19,000 20,000 101c183u063ae2b 12.0 19.0 101c193u063bb2b 10.2 21.5 101c203u063af2b 11.0 20.5 1 3/8 x 5 1/8 2 x 3 1/8 1 3/8 x 5 5/8 21,000 23,000 24,000 101c213u063ej2b 13.5 18.2 101c233u063ch2b 11.3 22.1 101c243u063bj2b 9.6 23.4 1 3/4 x 3 5/8 2 1/2 x 2 5/8 2 x 3 5/8 25,000 29,000 29,000 101c253u063ec2b 11.0 21.1 101c293u063ed2b 10.0 23.0 101c293u063bc2b 8.2 26.4 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 x 4 1/8 31,000 33,000 34,000 101c313u063cb2b 8.6 26.9 101c333u063ee2b 9.3 24.8 101c343u063bd2b 7.2 29.3 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 5/8 37,000 39,000 40,000 101c373u063ef2b 8.8 26.3 101c393u063be2b 6.5 32.0 101c403u063cj2d 7.0 31.4 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 44,000 47,000 48,000 101c443u063bf2b 5.9 34.6 101c473u063db2b 9.3 29.0 101c483u063cc2d 5.6 36.4 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 56,000 59,000 65,000 101c563u063cd2d 5.2 39.5 101c593u063dj2d 7.5 33.8 101c653u063ce2d 4.6 43.3 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 72,000 73,000 84,000 101c723u063dc2d 6.0 39.5 101c733u063cf2d 4.2 46.8 101c843u063dd2d 5.6 42.5 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 97,000 110,000 120,000 101c973u063de2d 5.0 46.5 101c114u063df2d 4.5 50.2 101c124u063dp2d 4.3 52.0 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 160,000 180,000 101c164u063dn2d 3.6 62.2 101c184u063dg2d 3.2 68.2 3 x 7 5/8 3 x 8 5/8 cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 75 vdc (100 vdc surge) 2,100 3,600 5,200 101c212u075ak2b 97.3 3.8 101c362u075aa2b 67.2 5.3 101c522u075ah2b 50.0 7.0 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 6,400 6,500 6,800 101c642u075ba2b 40.7 9.4 101c652u075ea2b 47.5 8.0 101c682u075ab2b 39.3 8.7 2 x 2 1/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 8,400 9,400 10,000 101c842u075aj2b 32.5 10.1 101c942u075eh2b 34.2 10.2 101c103u075ac2b 27.9 11.5 1 3/8 x 3 5/8 1 3/4 x 2 5/8 1 3/8 x 4 1/8 10,000 12,000 12,000 101c103u075bh2b 27.4 12.4 101c123u075eb2b 27.0 12.2 101c123u075ad2b 24.5 12.8 2 x 2 5/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 13,000 14,000 15,000 101c133u075ae2b 22.0 14.0 101c143u075bb2b 18.0 16.2 101c153u075ej2b 22.4 14.1 1 3/8 x 5 1/8 2 x 3 1/8 1 3/4 x 3 5/8 15,000 17,000 17,000 101c153u075af2b 20.0 15.2 101c173u075ch2b 18.9 17.1 101c173u075bj2b 16.8 17.7 1 3/8 x 5 5/8 2 1/2 x 2 5/8 2 x 3 5/8 18,000 21,000 21,000 101c183u075ec2b 18.0 16.5 101c213u075ed2b 16.2 18.1 101c213u075bc2b 12.7 21.2 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 x 4 1/8 23,000 24,000 25,000 101c233u075cb2b 14.3 20.8 101c243u075ee2b 14.8 19.6 101c253u075bd2b 12.3 22.4 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 5/8 27,000 28,000 29,000 101c273u075ef2b 13.9 20.9 101c283u075be2b 11.0 24.6 101c293u075cj2b 11.5 24.4 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 32,000 34,000 35,000 101c323u075bf2b 9.9 26.7 101c343u075db2b 13.3 24.2 101c353u075cc2b 8.7 29.4 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 41,000 43,000 47,000 101c413u075cd2d 8.4 30.9 101c433u075dj2b 10.8 28.2 101c473u075ce2d 7.5 34.0 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 52,000 53,000 61,000 101c523u075dc2d 7.6 35.0 101c533u075cf2d 6.7 36.9 101c613u075dd2d 7.9 35.7 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 70,000 79,000 83,000 101c703u075de2d 6.1 42.0 101c793u075df2d 6.0 43.5 101c833u075dp2d 5.7 45.1 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 110,000 130,000 101c114u075dn2d 4.7 54.7 101c134u075dg2d 4.1 60.3 3 x 7 5/8 3 x 8 5/8 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type 101c C55 c to 105 c low-esr, wide-temperature grade cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 100 vdc (150 vdc surge) 1,300 2,300 3,400 101c132u100ak2b 115.6 3.5 101c232u100aa2b 79.9 4.9 101c342u100ah2b 59.4 6.4 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/8 x 2 5/8 4,100 4,200 4,400 101c412u100ba2b 47.6 8.7 101c422u100ea2b 55.0 7.4 101c442u100ab2b 46.6 8.0 2 x 2 1/8 1 3/4 x 2 1/8 1 3/8 x 3 1/8 5,400 6,100 6,500 101c542u100aj2b 38.5 9.3 101c612u100eh2b 39.6 9.5 101c652u100ac2b 32.9 10.6 1 3/8 x 3 5/8 1 3/4 x 2 5/8 1 3/8 x 4 1/8 6,500 7,500 7,900 101c652u100bh2b 32.0 11.4 101c752u100ad2b 28.9 11.8 101c792u100eb2b 31.1 11.4 2 x 2 5/8 1 3/8 x 4 5/8 1 3/4 x 3 1/8 8,500 8,900 9,600 101c852u100ae2b 25.8 12.9 101c892u100bb2b 21.0 15.0 101c962u100af2b 23.4 14.1 1 3/8 x 5 1/8 2 x 3 1/8 1 3/8 x 5 5/8 9,800 11,000 11,000 101c982u100ej2b 25.8 13.2 101c113u100ch2b 20.7 16.3 101c113u100bj2b 19.5 16.4 1 3/4 x 3 5/8 2 1/2 x 2 5/8 2 x 3 5/8 12,000 14,000 14,000 101c123u100ec2b 20.7 15.4 101c143u100ed2b 18.6 16.9 101c143u100bc2b 14.8 19.7 1 3/4 x 4 1/8 1 3/4 x 4 5/8 2 x 4 1/8 15,000 15,000 16,000 101c153u100ee2b 17.0 18.3 101c153u100cb2b 16.5 19.4 101c163u100bd2b 14.3 20.8 1 3/4 x 5 1/8 2 1/2 x 3 1/8 2 x 4 5/8 17,000 18,000 19,000 101c173u100ef2b 15.9 19.6 101c183u100be2b 12.7 22.9 101c193u100cj2b 13.3 22.7 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 21,000 22,000 22,000 101c213u100bf2b 11.4 24.9 101c223u100db2b 13.8 23.8 101c223u100cc2b 10.0 27.4 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 26,000 28,000 30,000 101c263u100cd2b 9.7 28.9 101c283u100dj2b 11.2 27.7 101c303u100ce2d 8.6 31.7 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 34,000 34,000 39,000 101c343u100dc2d 8.5 33.2 101c343u100cf2d 7.7 34.5 101c393u100dd2d 7.9 35.7 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 45,000 51,000 54,000 101c453u100de2d 6.5 40.5 101c513u100df2d 6.0 43.5 101c543u100dp2d 6.0 44.1 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 74,000 85,000 101c743u100dn2d 4.8 54.0 101c853u100dg2d 4.2 59.2 3 x 7 5/8 3 x 8 5/8 cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 150 vdc (200 vdc surge) 490 880 1,200 101c491u150ak2b 433.1 2.1 101c881u150aa2b 241.1 3.1 101c122u150ea2b 198.9 3.9 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/4 x 2 1/8 1,300 1,500 1,700 101c132u150ah2b 163.2 4.0 101c152u150ba2b 159.2 4.8 101c172u150ab2b 124.8 4.9 1 3/8 x 2 5/8 2 x 2 1/8 1 3/8 x 3 1/8 1,800 1,900 2,300 101c182u150eh2b 132.6 5.2 101c192u150aj2b 111.7 5.5 101c232u150bh2b 103.8 6.3 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 2,500 2,500 2,700 101c252u150eb2b 95.5 6.5 101c252u150ac2b 84.9 6.6 101c272u150ad2b 80.1 7.1 1 3/4 x 3 1/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 3,100 3,200 3,400 101c312u150ae2b 74.0 7.6 101c322u150ej2b 74.6 7.7 101c342u150bb2b 54.6 9.3 1 3/8 x 5 1/8 1 3/4 x 3 5/8 2 x 3 1/8 3,600 3,800 4,000 101c362u150af2b 66.3 8.4 101c382u150ch2b 62.8 9.4 101c402u150bj2b 59.7 9.4 1 3/8 x 5 5/8 2 1/2 x 2 5/8 2 x 3 5/8 4,400 4,500 5,200 101c442u150ec2b 54.3 9.5 101c452u150ed2b 53.1 10.0 101c522u150ee2b 45.9 11.1 1 3/4 x 4 1/8 1 3/4 x 4 5/8 1 3/4 x 5 1/8 5,200 5,200 5,700 101c522u150cb2b 45.9 11.6 101c522u150bc2b 45.0 11.3 101c572u150bd2b 41.9 12.2 2 1/2 x 3 1/8 2 x 4 1/8 2 x 4 5/8 5,800 6,600 6,600 101c582u150ef2b 41.2 12.2 101c662u150be2b 36.2 13.6 101c662u150cj2b 36.2 13.8 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 7,800 7,900 8,500 101c782u150db2b 35.7 14.8 101c792u150bf2b 30.2 15.3 101c852u150cc2b 28.1 16.3 3 x 3 1/8 2 x 5 5/8 2 1/2 x 4 1/8 9,400 9,900 11,000 101c942u150cd2b 25.4 17.8 101c992u150dj2b 28.1 17.5 101c113u150ce2b 21.7 19.9 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 12,000 13,000 14,000 101c123u150dc2b 23.2 20.1 101c133u150cf2b 18.4 22.3 101c143u150dd2b 19.9 22.5 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 16,000 18,000 19,000 101c163u150de2b 17.4 24.8 101c183u150df2b 15.5 27.1 101c193u150dp2b 14.7 28.2 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 26,000 30,000 101c263u150dn2d 11.3 35.7 101c303u150dg2d 9.3 40.0 3 x 7 5/8 3 x 8 5/8 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
type 101c C55 c to 105 c low-esr, wide-temperature grade cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 200 vdc (275 vdc surge) 380 680 890 101c381t200ak2b 453.7 2.0 101c681t200aa2b 253.5 3.0 101c891t200ea2b 223.5 3.7 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/4 x 2 1/8 980 1,100 1,300 101c981t200ah2b 175.9 3.9 101c112t200ba2b 180.9 4.5 101c132t200ab2b 132.6 4.8 1 3/8 x 2 5/8 2 x 2 1/8 1 3/8 x 3 1/8 1,400 1,600 1,800 101c142t200eh2b 142.1 5.0 101c162t200aj2b 107.8 5.6 101c182t200bh2b 110.5 6.1 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1,900 1,900 2,200 101c192t200eb2b 104.7 6.2 101c192t200ac2b 88.9 6.4 101c222t200ad2b 90.4 6.7 1 3/4 x 3 1/8 1 3/8 x 4 1/8 1 3/8 x 4 5/8 2,400 2,400 2,500 101c242t200ej2b 82.9 7.3 101c242t200bb2b 82.9 7.5 101c252t200ae2b 79.6 7.4 1 3/4 x 3 5/8 2 x 3 1/8 1 3/8 x 5 1/8 2,800 3,100 3,400 101c282t200af2b 71.0 8.1 101c312t200bj2b 64.2 9.0 101c342t200ec2b 58.5 9.1 1 3/8 x 5 5/8 2 x 3 5/8 1 3/4 x 4 1/8 3,500 4,000 4,000 101c352t200ed2b 56.8 9.7 101c402t200ee2b 49.7 10.7 101c402t200cb2b 49.7 11.2 1 3/4 x 4 5/8 1 3/4 x 5 1/8 2 1/2 x 3 1/8 4,000 4,400 4,500 101c402t200bc2b 43.1 11.5 101c442t200bd2b 45.2 11.7 101c452t200ef2b 44.2 11.7 2 x 4 1/8 2 x 4 5/8 1 3/4 x 5 5/8 5,000 5,100 6,100 101c502t200be2b 39.8 12.9 101c512t200cj2b 39.0 13.3 101c612t200bf2b 32.6 14.7 2 x 5 1/8 2 1/2 x 3 5/8 2 x 5 5/8 6,500 7,200 7,200 101c652t200cc2b 26.3 16.9 101c722t200ch2b 27.6 14.1 101c722t200cd2b 27.6 17.1 2 1/2 x 4 1/8 2 1/2 x 2 5/8 2 1/2 x 4 5/8 7,600 8,300 9,300 101c762t200dj2b 29.7 17.0 101c832t200ce2b 24.0 19.0 101c932t200dc2b 21.4 20.9 3 x 3 5/8 2 1/2 x 5 1/8 3 x 4 1/8 10,000 11,000 13,000 101c103t200cf2b 21.2 20.8 101c113t200dd2b 20.5 22.1 101c133t200db2b 17.8 20.9 2 1/2 x 5 5/8 3 x 4 5/8 3 x 3 1/8 13,000 14,000 15,000 101c133t200de2b 17.8 24.5 101c143t200df2b 16.9 25.9 101c153t200dp2b 15.9 27.1 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 20,000 23,000 101c203t200dn2d 12.5 33.9 101c233t200dg2d 10.4 37.8 3 x 7 5/8 3 x 8 5/8 cap. (f) esr max ripple max catalog @ 25 c @ 85 c part number 120 hz 120 hz (m) (a) nominal size d x l (in) 250 vdc (350 vdc surge) 290 530 700 101c291t250ak2b 548.8 1.8 101c531t250aa2b 300.3 2.7 101c701t250ea2b 227.4 3.7 1 3/8 x 1 5/8 1 3/8 x 2 1/8 1 3/4 x 2 1/8 760 890 990 101c761t250ah2b 209.4 3.5 101c891t250ba2b 163.9 4.7 101c991t250ab2b 160.8 4.3 1 3/8 x 2 5/8 2 x 2 1/8 1 3/8 x 3 1/8 1,100 1,200 1,400 101c112t250eh2b 144.7 5.0 101c122t250aj2b 132.6 5.0 101c142t250bh2b 104.2 6.3 1 3/4 x 2 5/8 1 3/8 x 3 5/8 2 x 2 5/8 1,500 1,500 1,700 101c152t250ac2b 106.1 5.9 101c152t250eb2b 106.1 6.2 101c172t250ad2b 101.4 6.3 1 3/8 x 4 1/8 1 3/4 x 3 1/8 1 3/8 x 4 5/8 1,900 1,900 1,900 101c192t250ae2b 90.7 6.9 101c192t250ej2b 83.8 7.3 101c192t250bb2b 69.8 8.2 1 3/8 x 5 1/8 1 3/4 x 3 5/8 2 x 3 1/8 2,200 2,300 2,300 101c222t250af2b 84.4 7.4 101c232t250ch2b 75.0 8.6 101c232t250ec2b 69.2 8.4 1 3/8 x 5 5/8 2 1/2 x 2 5/8 1 3/4 x 4 1/8 2,400 2,700 2,900 101c242t250bj2b 58.0 9.5 101c272t250ed2b 58.9 9.5 101c292t250bc2b 50.3 10.7 2 x 3 5/8 1 3/4 x 4 5/8 2 x 4 1/8 3,100 3,100 3,400 101c312t250cb2b 55.6 10.6 101c312t250ee2b 51.3 10.5 101c342t250bd2b 45.6 11.7 2 1/2 x 3 1/8 1 3/4 x 5 1/8 2 x 4 5/8 3,500 3,900 4,000 101c352t250ef2b 45.5 11.6 101c392t250be2b 42.0 12.6 101c402t250cj2b 43.1 12.6 1 3/4 x 5 5/8 2 x 5 1/8 2 1/2 x 3 5/8 4,500 4,700 5,100 101c452t250bf2b 38.3 13.6 101c472t250db2b 42.3 13.6 101c512t250cc2b 30.6 15.6 2 x 5 5/8 3 x 3 1/8 2 1/2 x 4 1/8 5,700 5,900 6,500 101c572t250cd2b 28.9 16.7 101c592t250dj2b 33.7 16.0 101c652t250ce2b 26.6 18.0 2 1/2 x 4 5/8 3 x 3 5/8 2 1/2 x 5 1/8 7,200 7,700 8,500 101c722t250dc2b 27.6 18.4 101c772t250cf2b 24.1 19.5 101c852t250dd2b 23.4 20.7 3 x 4 1/8 2 1/2 x 5 5/8 3 x 4 5/8 9,700 11,000 12,000 101c972t250de2b 20.5 22.8 101c113t250df2b 18.1 25.0 101c123t250dp2b 16.6 26.5 3 x 5 1/8 3 x 5 5/8 3 x 5 7/8 16,000 18,000 101c163t250dn2d 13.4 32.8 101c183t250dg2d 11.1 36.7 3 x 7 5/8 3 x 8 5/8 cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
1 1 type 101c C55 c to 105 c low-esr, wide-temperature grade typical performance curves capacitance vs frequency and temperature 2000 f 250 v 1.2 esr vs frequency and temperature 2000 f 250 v 100 65 oc 85 oc C 55 oc C 40 oc 25 oc 0 o c C 20 oc C 55 oc C 40 oc C 20 oc 0 oc 25 oc 65 oc 85 oc 0.8 0.6 0.4 0.2 ratio to 25 oc, 120 hz value 10 1 0.1 10 100 1000 10000 100000 0 10 100 1000 10000 100000 frequency (hz) frequency (hz) type 101c operating life in kilohours vs ripple current 1000 impedance vs frequency and temperature 2000 f 250 v 105 oc 45 oc 55 oc 65 oc 75 oc 85 oc 95 c 100 10 0.1 C 55 oc C 40 oc C 20 oc 0 oc 25 oc 65 c 85 oc expected operating life, kh 100 10 0.01 10 100 1000 10000 100000 frequency (hz) 1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 rated ripple - current multiple ratio to 25 c, 120 hz value ratio to 25 oc, 120 hz value cdm cornell dubilier ? 140 technology place ? liberty, sc 29657 ? phone: (864)843-2277 ? fax: (864)843-3800
notice and disclaimer: all product drawings, descriptions, specifcations, statements, information and data (collectively, the information) in this datasheet or other publication are subject to change. the customer is responsible for checking, confrming and verifying the extent to which the information con - tained in this datasheet or other publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without any guaran - tee, warranty, representation or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on the knowledge that the cornell dubilier company providing such statements (cornell dubilier) has of operating conditions that such cornell dubilier company regards as typical for such applications, but are not intended to constitute any guarantee, warranty or representa - tion regarding any such matter C and cornell dubilier specifcally and expressly disclaims any guarantee, warranty or representation concerning the suitability for a specifc customer application, use, storage, transportation, or operating environment. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by cornell dubilier with reference to the use of any cornell dubilier products is given gratis (unless otherwise specifed by cornell dubilier), and cornell dubilier assumes no obligation or liability for the advice given or results obtained. although cornell dubilier strives to apply the most stringent quality and safety standards regarding the design and manufacturing of its products, in light of the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies or other appropriate protective measures) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all product-related warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indi - cated in such warnings, cautions and notes, or that other safety measures may not be required.


▲Up To Search▲   

 
Price & Availability of 101C473U7R5AA2B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X